Part Number Hot Search : 
LA76843N PM2301 C2002 C2002 TDA4362 LTD070 LT6200 ISD5008
Product Description
Full Text Search
 

To Download CTDA14AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors for Digital Amplifier
ctparts.com
CTDA14AF Series
From 10 H to 33 H
Part Number Not shown at actual size.
SPECIFICATIONS
Parts are available in 20% tolerance only. * Rated DC Current: Inductance drift is within -25% at the superposition ** Allowable Current: A rise in temp. of surface core within 40C. L Test Freq. (KHz) 1.0 1.0 1.0 1.0 DCR Max. (m) 5.9 8.3 10.0 17.5 *Rated DC Current (A) 8.3 7.5 7.0 6.1 **Allowable DC Current (A) 7.8 7.3 6.6 5.1
Inductance (H 20%) 10 15 22 33
CTDA14AF-100M CTDA14AF-150M CTDA14AF-220M CTDA14AF-330M
PHYSICAL DIMENSIONS
Compliant
RoHS
Size mm inches
A
Max. 16.0 0.63
B
14.00.5 0.550.02
C
5.01.0 0.20.039
D
1.80.5 0.0710.02
E
Max. 1.0 0.039
F
9.20.5 0.360.02
E
H
CHARACTERISTICS
Description: Inductor for digital amplifier LPF Applications: Suitable as choke coil for digital amplifier. Audio, DVD 5.1ch home theater, AV amplifier, LCD, PDP. Usable as a choke coil for power supplies, etc. Features: Compact and low-profile. Output 85W. Magnetically shielded structure and low DC resistance. High sound quality. Low electromagnetic interface. Low resistance and high current. Inductance Tolerance: 20% Testing: Tested on a HP4284A at 1.0 KHz Packaging: Bulk Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
D C I
F
A
Tolerance: 0.5mm L(H) G 7.6 9.6 9.6 9.6 I 3.3 4.4 5.3 5.3 H 0.5/0.33 0.5 0.5 0.33
B
10 15 22
G
33
06.29.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDA14AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X